Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALHVLED805 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVALHVLED805
Description  4.2 W off-line LED driver with primary side regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALHVLED805 Datasheet(HTML) 2 Page - STMicroelectronics

  EVALHVLED805 Datasheet HTML 1Page - STMicroelectronics EVALHVLED805 Datasheet HTML 2Page - STMicroelectronics EVALHVLED805 Datasheet HTML 3Page - STMicroelectronics EVALHVLED805 Datasheet HTML 4Page - STMicroelectronics EVALHVLED805 Datasheet HTML 5Page - STMicroelectronics EVALHVLED805 Datasheet HTML 6Page - STMicroelectronics EVALHVLED805 Datasheet HTML 7Page - STMicroelectronics EVALHVLED805 Datasheet HTML 8Page - STMicroelectronics EVALHVLED805 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical schematic
EVALHVLED805
2/9
Doc ID 18457 Rev 1
1
Electrical schematic
Figure 1.
EVALHVLED805 electrical schematic
1.1
Efficiency measurement
Figure 2.
Efficiency measurement with one, two or three LEDs
The efficiency is always higher than 70 % when two or three LEDs are connected, whereas
it drops with one LED. The reason is that at low output voltage, the auxiliary voltage is not
able to supply the IC and the internal HV current generator self supplies the Vcc pin, thus
dissipating a power proportional to VIN.
The output current has been measured with two or three LEDs which obtain an accuracy
always below 5 %.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com