Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLMTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 3Page - STMicroelectronics LSM303DLMTR Datasheet HTML 4Page - STMicroelectronics LSM303DLMTR Datasheet HTML 5Page - STMicroelectronics LSM303DLMTR Datasheet HTML 6Page - STMicroelectronics LSM303DLMTR Datasheet HTML 7Page - STMicroelectronics LSM303DLMTR Datasheet HTML 8Page - STMicroelectronics LSM303DLMTR Datasheet HTML 9Page - STMicroelectronics LSM303DLMTR Datasheet HTML 10Page - STMicroelectronics LSM303DLMTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LSM303DLM
Block diagram and pin description
Doc ID 018725 Rev 1
7/38
1.2
Pin description
Figure 2.
Pin connection
Table 2.
Pin description
Pin#
Name
Function
1
Reserved
Connect to GND
2
GND
0 V supply
3
Reserved
Connect to GND
4
SA0_A
Linear acceleration signal I2C less significant bit of the device
address (SA0)
5
NC
Internally not connected
6Vdd
Power supply
7
Reserved
Connect to Vdd
8
Reserved
Leave unconnected
9
Reserved
Leave unconnected
10
Reserved
Leave unconnected
11
Reserved
Leave unconnected
12
SET2
S/R capacitor connection (C2)
13
Reserved
Leave unconnected
14
Reserved
Leave unconnected
15
C1
Reserved capacitor connection (C1)
16
SET1
S/R capacitor connection (C2)
17
Reserved
Connect to GND
18
DRDY_M
Magnetic signal interface data ready
19
SDA_M
Magnetic signal interface I2C serial data (SDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com