Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLMTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 6Page - STMicroelectronics LSM303DLMTR Datasheet HTML 7Page - STMicroelectronics LSM303DLMTR Datasheet HTML 8Page - STMicroelectronics LSM303DLMTR Datasheet HTML 9Page - STMicroelectronics LSM303DLMTR Datasheet HTML 10Page - STMicroelectronics LSM303DLMTR Datasheet HTML 11Page - STMicroelectronics LSM303DLMTR Datasheet HTML 12Page - STMicroelectronics LSM303DLMTR Datasheet HTML 13Page - STMicroelectronics LSM303DLMTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Module specifications
LSM303DLM
10/38
Doc ID 018725 Rev 1
2.2
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
FS bit set to 00
±0.01
%/°C
LA_TyOff
Linear acceleration typical
Zero-
g level offset
accuracy(3),(4)
FS bit set to 00
±60
m
g
LA_TCOff
Linear acceleration Zero-
g level
change vs. temperature
Max. delta from 25 °C
±0.5
m
g/°C
M_CAS
Magnetic cross-axis sensitivity
Cross field = 0.5 gauss
H applied = ±3 gauss
±1
%FS/
gauss
M_EF
Maximum exposed field
No permitting effect on
zero reading
10000
gauss
M_R
Magnetic resolution
5
mgauss
M_DF
Disturbing field
Sensitivity starts to
degrade. Use S/R pulse to
restore sensitivity
20
gauss
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical Zero-
g level offset value after MSL3 preconditioning.
4.
Offset can be eliminated by enabling the built-in high-pass filter.
Table 3.
Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Table 4.
Electrical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
-
2.16
3.6
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
V
Idd
Current consumption in normal
mode(2)
360
µA
IddPdn
Current consumption in power-
down mode
2µA
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Magnetic sensor setting ODR = 7.5 Hz. Accelerometer sensor ODR = 50 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com