Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLMTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 9Page - STMicroelectronics LSM303DLMTR Datasheet HTML 10Page - STMicroelectronics LSM303DLMTR Datasheet HTML 11Page - STMicroelectronics LSM303DLMTR Datasheet HTML 12Page - STMicroelectronics LSM303DLMTR Datasheet HTML 13Page - STMicroelectronics LSM303DLMTR Datasheet HTML 14Page - STMicroelectronics LSM303DLMTR Datasheet HTML 15Page - STMicroelectronics LSM303DLMTR Datasheet HTML 16Page - STMicroelectronics LSM303DLMTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LSM303DLM
Terminology
Doc ID 018725 Rev 1
13/38
4
Terminology
4.1
Linear acceleration sensitivity
Linear acceleration sensitivity describes the gain of the accelerometer sensor and can be
determined by applying 1
g acceleration to it. As the sensor can measure DC accelerations,
this can be done easily by pointing the selected axis towards the ground, noting the output
value, rotating the sensor 180 degrees (pointing to the sky) and noting the output value
again. By doing so, a ±1 g acceleration is applied to the sensor. Subtracting the larger
output value from the smaller one, and dividing the result by 2, leads to the actual sensitivity
of the sensor. This value changes very little over temperature and over time. The sensitivity
tolerance describes the range of sensitivities of a large number of sensors.
4.2
Zero-
g level
Zero-
g level Offset (LA_TyOff) describes the deviation of an actual output signal from the
ideal output signal if no linear acceleration is present. A sensor in steady-state on a
horizontal surface measures 0 g on both the X and Y axes, whereas the Z axis measures 1
g. Ideally, the output is in the middle of the dynamic range of the sensor (content of OUT
registers 00h, data expressed as 2’s complement number). A deviation from the ideal value
in this case is called Zero-
g offset. Offset is, to some extent, a result of stress to the MEMS
sensor and therefore the offset can slightly change after mounting the sensor onto a printed
circuit board or exposing it to extensive mechanical stress. Offset changes little over
temperature, see “Linear acceleration Zero-
g level change vs. temperature” (LA_TCOff) in
Table 3. The Zero-g level tolerance (TyOff) describes the standard deviation of the range of
Zero-
g levels of a group of sensors.
4.3
Sleep-to-wakeup
The “sleep-to-wakeup” function, in conjunction with low-power mode, allows further
reduction of system power consumption and the development of new smart applications.
The LSM303DLM may be set to a low-power operating mode, characterized by lower data
rate refreshing. In this way, the device, even if sleeping, continues sensing acceleration and
generating interrupt requests.
When the sleep-to-wakeup function is activated, the LSM303DLM is able to automatically
wake up as soon as the interrupt event has been detected, increasing the output data rate
and bandwidth. With this feature the system may be efficiently switched from low-power
mode to full-performance depending on user-selectable positioning and acceleration events,
therefore ensuring power-saving and flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com