Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLDC08PUR
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLDC08PUR Datasheet HTML 2Page - STMicroelectronics STLDC08PUR Datasheet HTML 3Page - STMicroelectronics STLDC08PUR Datasheet HTML 4Page - STMicroelectronics STLDC08PUR Datasheet HTML 5Page - STMicroelectronics STLDC08PUR Datasheet HTML 6Page - STMicroelectronics STLDC08PUR Datasheet HTML 7Page - STMicroelectronics STLDC08PUR Datasheet HTML 8Page - STMicroelectronics STLDC08PUR Datasheet HTML 9Page - STMicroelectronics STLDC08PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Absolute maximum ratings
STLDC08
6/29
Doc ID 18476 Rev 1
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
- 0.3 to 4.6
V
EN/PWM
Analog input
- 0.3 to 7
V
FB
Analog input
- 0.3 to 2
V
SENSE
Analog input
- 0.3 to 20
V
2VCC
Analog outputs
0 to 4
V
V5
Analog outputs
- 0.3 to 7
V
DRV, PWMOUT
Analog outputs
VCC - 1.2 to 7
V
VOUT
Output voltage
- 0.3 to 20
V
ESD
Human body model (all pins)
±2kV
PD
DFN10L 3x3 TA = 25 °C
2.2
W
TJ
Junction temperature
- 40 to 85
°C
TSTG
Storage temperature range
- 55 to 85
°C
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
3
°C/W
RthJA
Thermal resistance junction-ambient
57.1 (1)
°C/W
1.
With two sides, two planes PCB following EIA/JEDEC JESD51-7 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com