Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLDC08PUR
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLDC08PUR Datasheet HTML 5Page - STMicroelectronics STLDC08PUR Datasheet HTML 6Page - STMicroelectronics STLDC08PUR Datasheet HTML 7Page - STMicroelectronics STLDC08PUR Datasheet HTML 8Page - STMicroelectronics STLDC08PUR Datasheet HTML 9Page - STMicroelectronics STLDC08PUR Datasheet HTML 10Page - STMicroelectronics STLDC08PUR Datasheet HTML 11Page - STMicroelectronics STLDC08PUR Datasheet HTML 12Page - STMicroelectronics STLDC08PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
STLDC08
Electrical characteristics
Doc ID 18476 Rev 1
9/29
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SENSE
VSENSE MAX
Maximum current sense
threshold
70
100
130
mV
ISENSE
Bias current
VSENSE = 20 V
10
20
µA
EN/PWM section
VIL
Low level threshold
VCC = 0.8 V
0.3
V
VIL
Low level threshold
VCC = 3.6 V
0.4
V
VIH
High level threshold
VCC = 0.8 V
0.8
V
VIH
High level threshold
VCC = 3.6 V
1.2
V
IEN/PWM
EN/PWM pin current
EN/PWM = 3.6 V
2
µA
IEN/PWM
EN/PWM pin current
EN/PWM = 5 V
5
µA
+ 5 V regulator
V5
Output voltage
VOUT = 6 V; I5 = 10 mA
4.8
5
5.2
V
ΔV5/ΔV
OUT
Line regulation
6 V < VOUT < 18 V; I5 = 10 mA
0.02
%/V
ΔV5
Load regulation
0 < I5 < 10 mA VOUT = 18 V
0.02
0.01
%/mA
VDROPOUT Dropout voltage
I5 = 10 mA
20
mV
ICC
Short circuit current
VOUT = 18 V; V5 = 0 V
140
mA
Table 7.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com