Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLDC08PUR
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLDC08PUR Datasheet HTML 10Page - STMicroelectronics STLDC08PUR Datasheet HTML 11Page - STMicroelectronics STLDC08PUR Datasheet HTML 12Page - STMicroelectronics STLDC08PUR Datasheet HTML 13Page - STMicroelectronics STLDC08PUR Datasheet HTML 14Page - STMicroelectronics STLDC08PUR Datasheet HTML 15Page - STMicroelectronics STLDC08PUR Datasheet HTML 16Page - STMicroelectronics STLDC08PUR Datasheet HTML 17Page - STMicroelectronics STLDC08PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Detailed description
STLDC08
14/29
Doc ID 18476 Rev 1
7.3
Over voltage protection (OVP)
As with any current source, the output voltage rises when the output gets high impedance or
is disconnected. To prevent the output voltage exceeding the maximum switch voltage rating
of the main switch, an overvoltage protection circuit is integrated. As soon as the output
voltage exceeds the OVP threshold, the converter stops switching and the output voltage
drops. When the output voltage falls below the OVP threshold, the converter continues
operation until the output voltage exceeds the OVP threshold again.
7.4
Enable/PWM
The enable pin allows disabling and enabling of the device as well as brightness control of
the LEDs by applying a PWM signal. In order to avoid visible flicker, the frequency of the
PWM signal should be higher than 120 Hz. Changing the PWM duty cycle therefore
changes the LED brightness.
Figure 17.
Timing diagram
V
CC
2VCC
DRV
PWMOUT
V
OUT
I
CC
ILED
Charge Pump
active
STLDC08 supplied by
V
OUT
V
OUT > VLED, the current starts
flowing through the LEDs
V
OUT >1.9 V STLDC08 is
supplied by V
OUT
Follows EN/PWM
input
Soft start cycle ended,
PWMOUT is realeased
1.7 V
1.9 V
AM07847v1
V
CC
2VCC
DRV
PWMOUT
V
OUT
I
CC
ILED
Charge Pump
active
STLDC08 supplied by
V
OUT
V
OUT > VLED, the current starts
flowing through the LEDs
V
OUT >1.9 V STLDC08 is
supplied by V
OUT
Follows EN/PWM
input
Soft start cycle ended,
PWMOUT is realeased
1.7 V
1.9 V
AM07847v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com