Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC902 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC902
Description  AC Input Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC902 Datasheet(HTML) 5 Page - Sharp Corporation

  PC902 Datasheet HTML 1Page - Sharp Corporation PC902 Datasheet HTML 2Page - Sharp Corporation PC902 Datasheet HTML 3Page - Sharp Corporation PC902 Datasheet HTML 4Page - Sharp Corporation PC902 Datasheet HTML 5Page - Sharp Corporation PC902 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC902
0.05
0.1
0.2
- 25
25
50
100
0
0.15
75
8mA
5mA
0
Ambient Temperature
Fig. 6 Low Level Output Voltage vs.
Ambient temperature T a (˚C)
VCC
=5V
0
1
2
15
0
3
5
25˚C
85˚C
10
ICCL
ICCL
ICCH
ICCH
ICCL
ICCH
Fig. 7 Supply Current vs. Supply Voltage
Supply voltage V CC (V)
T a =
- 25˚C
-8
4
-20
20
2
0
-2
-4
-6
15
10
5
0
-5
-10
-15
AUX sink current
AUX source current
AUX source current
Fig. 8 AUX Current vs. Forward Current
Forward current I F ( mA )
-4
2
-25
1
0
-1
-2
-3
100
75
50
25
0
= 1.3V
Temperature
Fig. 9 AUX Current vs. Ambient
Ambient Temperature T a (˚C)
V CC =5V
V AUX
IF = 0mA
AUX sink current I AUX2
0.01
1
0.02
0.05
0.1
1.0
2
5
10
100
50
20
0.2
0.5
Low Level Output Current
Fig. 5 Low Level Output Voltage vs.
Low level output current I OL ( mA )
5
6
7
8
2
3
Amp.
10k
Voltage regulator
I
IAUX
5V
+ : Current flowed from 2 terminal
- : Current flowed out to 2 terminal
{
V CC =5V
T a = 25˚C
I AUX2
I AUX1
I AUX1
ICC = 16mA
VCC =5V
VAUX = 1.3V
T a = 25˚C
AUX source current I AUX1
IF = ± 2mA
Test Circuit for AUX
IF
Forward
current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com