Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC902 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC902
Description  AC Input Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC902 Datasheet(HTML) 1 Page - Sharp Corporation

  PC902 Datasheet HTML 1Page - Sharp Corporation PC902 Datasheet HTML 2Page - Sharp Corporation PC902 Datasheet HTML 3Page - Sharp Corporation PC902 Datasheet HTML 4Page - Sharp Corporation PC902 Datasheet HTML 5Page - Sharp Corporation PC902 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC902
PC902
s Features
s Applications
1. Capable of forming an integration circuit
in conjunction with an external capacitor
3. High sensitivity
4. High isolation voltage between input and
output
5. Standard dual-in-line package
1. Programmable controllers
2. Telephone sets
3. AC line monitors
*1 Pulse width<=100
µ s,
Duty ratio : 0.001
1 minute
*3 For 10 seconds
( Ta = 25˚C)
s Absolute Maximum Ratings
PC902
θ
θ
( IFHL : MAX. 2mA )
s Outline Dimensions
( Unit : mm)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
±20
mA
*1Peak forward current
I FM
±1
A
Power dissipation
P
30
mW
Output
Supply voltage
V CC
15
V
Output voltage
V O
15
V
Output current
IO
16
mA
Power dissipation
P O
150
mW
Total power dissipation
*2Isolation voltage
P tot
170
mW
V iso
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
6. Recognized by UL, file No. E64380
12
3
4
5
6
7
8
1 NC
4 NC
6 GND
Internal connection
diagram
Amp
1234
7
8
Voltage
regulator
10k
Ω
0.01
µ F
(ExternalC)
AC Input Type OPIC
Photocoupler
2. AC input
iso
( V
65
5 VAUX
*2 40 to 60% RH, AC for
5 000
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
: 5 000V rms )
Primarys side mark ( Sunken place )
V rms
θ = 0˚ to 13 ˚
7 V O
8 VCC
2 VIN1
3 VIN2
1.2 ± 0.3
0.85 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3


Similar Part No. - PC902

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900 SHARP-PC900 Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900 SHARP-PC900 Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results

Similar Description - PC902

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com