Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC902 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC902
Description  AC Input Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC902 Datasheet(HTML) 6 Page - Sharp Corporation

  PC902 Datasheet HTML 1Page - Sharp Corporation PC902 Datasheet HTML 2Page - Sharp Corporation PC902 Datasheet HTML 3Page - Sharp Corporation PC902 Datasheet HTML 4Page - Sharp Corporation PC902 Datasheet HTML 5Page - Sharp Corporation PC902 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC902
0
-25
3
2
1
100
75
50
25
0
Ambient Temperature
Fig.10 Threshold AUX Voltage vs.
0
-25
4
3
2
1
100
75
50
25
0
Ambient Temperature
Fig.10 AUX Terminal Voltage vs.
V AUX1
IF = 0mA
IF = ± 2mA
V AUX2
0
2
4
6
10
12
- 15
0
10
20
-20
15
8
-10
Forward Current
t PLH
t PHL
t PLH
t PHL
Fig.12 Propagation Delay Time vs.
Forward current I F ( mA )
2
4
6
8
14
- 25
25
75
100
50
0
12
10
Ambient Temperature
Fig.13 Propagation Delay Time vs.
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
V AUX LH
V
AUX
HL
Ambient temperature T a (˚C)
T a = 25˚C
V CC =5V
CAUX = 0.01 µ F
RL = 680 Ω
V CC = 5V, C AUX = 0.01 µ F
RL = 680 Ω, I F = ± 2mA
t PLH
t PHL
VCC =5V
VCC =5V
-5
5
-2
2
5
6
7
8
2
3
Amp.
10k
Ω
Voltage regulator
5V
Pulse
Generator
s Precautions for Use
and
CC
( 2) Handle this product the same as with other integrated circuits against static electricity.
GND near the device in order to stabilize power supply line.
( 3) As for other general cautions, please refer to the chapter “ Precautions for Use ”
Test Circuit for Propagation Time
CAUX
0.01
µ F
CRT
RL 680
Ω
100
Ω
Frequency
f <= 10Hz
Duty50 %
CRT
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com