Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910X Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC910X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910X Datasheet(HTML) 2 Page - Sharp Corporation

  PC910X Datasheet HTML 1Page - Sharp Corporation PC910X Datasheet HTML 2Page - Sharp Corporation PC910X Datasheet HTML 3Page - Sharp Corporation PC910X Datasheet HTML 4Page - Sharp Corporation PC910X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC910X
s Electro-optical Characteristics
( Unless otherwise specified, Ta = 0 to 70˚C )
s Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
-
1.6
1.9
V
Reverse current
IR
Ta = 25˚C, VR =5V
-
-
10
µ A
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1MH Z
-
60
150
P
F
Output
High level output current
I OH
-
2
250
µ A
Low level output voltage
V OL
-
0.4
0.6
V
High level enable current
I EH
V CC = 5.5V, VE = 2.0V
-
- 0.8
- 1.8
mA
Low level enable current
IEL
V CC
-
- 1.2
- 2.0
mA
High level supply current
I CCH
-
7
15
mA
Low level supply current
ICCL
VCC = 5.5V, I F = 10mA, VE = 0.5V
-13
18
mA
I FHL
V CC = 5V, VE = 2.0V
V O = 0.8V, R L = 350
-
2.5
5
mA
R iso
-
Cf
Ta = 25˚C, V = 0, f = 1MH Z
-
0.6
5
t PHL
Ta = 25˚C, VCC =5V
RL = 350
Ω, C L =15PF
IF = 7.5mA
-
50
120
ns
t PLH
-
50
120
ns
t r , t f
-30
60
ns
t EHL
Fig. 2
Ta = 25˚C, VCC =5V
RL = 350
Ω, C L = 15pF
IF = 7.5mA, VEH =3V
VEL = 0.5V
-15
50
ns
t ELH
-
65
100
ns
CMH
Fig. 3
Ta = 25˚C, VCC = 5V, VCM = 10V(peak)
100
500
-
V/
µ s
CML
Fig. 3
Ta = 25˚C, VCC = 5V, VCM = 10V(peak)
RL = 350
Ω, I F = 5mA VO(MAX) = 0.8V
- 100
- 500
-
V/
µ s
All typical values : at Ta = 25˚C, VCC =5V
1. When the enable input is in high level state, extemal pull-up resistor is
unnecessary.
2. Connect a by-pass ceramic capacitor ( 0.01 to 0.1
µF) between
VCC and GND at the position within 1cm from pin.
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
µ A
High level input current
I FH
715
mA
High level enable voltage
V EH
2.0
V CC
V
Low level enable voltage
V EL
0
0.8
V
Supply voltage
V CC
4.5
5.5
V
Fanout
( TTL load )
N-
8
-
Operating temperature
T opr
070
˚C
Transfer
charac-
teristics
“ High
→Low” threshold
input current
Floating capacitance
“ High
→Low” propagation
delay time
“ Low
→High” propagation
delay time
Rise time, Fall time
“ High
→Low” enable
propagation delay time
propagation delay time
Instantaneous common
mode rejection voltage
Instantaneous common
mode rejection voltage
“ Output : Low level ”
5x 1010
Fig. 1
1010
pF
VCC = 5.5V, I F = 0, VE = 0.5V
Isolation resistance
“ Low
→High” enable
“ Output : High level ”
Ta = 25˚C, I F = 10mA
VCC =VO = 5.5V, V E = 2.0V, I F = 250
µ A
VCC = 5.5V, V E = 2.0V, I F = 5mA, I OL = 13mA
= 5.5V, VE = 0.5V
RL = 350
Ω, I F = 0, VO(MIN) =2V
Ta = 25˚C, DC500V, 40 to 60% RH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com