Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910X Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC910X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910X Datasheet(HTML) 3 Page - Sharp Corporation

  PC910X Datasheet HTML 1Page - Sharp Corporation PC910X Datasheet HTML 2Page - Sharp Corporation PC910X Datasheet HTML 3Page - Sharp Corporation PC910X Datasheet HTML 4Page - Sharp Corporation PC910X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC910X
Anode
Cathode
VCC
VE
(Enable)
VO
GND
Truth Table
Circuit Block Diagram
L : Logic ( 0)
H : Logic ( 1)
Input
Enable
Output
HH
L
LH
H
HL
H
LL
H
1
2
3
45
6
7
8
350
Ω
5V
47
Ω
Pulse input
5V
350
Ω
8
7
6
5
4
3
2
1
5V
350
Ω
8
7
6
5
4
3
2
1
Pulse input
A
B
GL SW
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
1.5V
5V
0.5V
1.5V
3V
10V
0V
5V
IF
CL
VO
*CL includes the probe
and wiring capacitance.
Fig. 1 Test Circuit for t PHL, t PLH, t r and t f
Fig. 2 Test Circuit for t EHL and t ELH
VE
Fig. 3 Test Circuit for CM H and CM L
IF
CL
VCM
IF
VO
tPHL
tPLH
VOL
tr
tf
VE
VO
tEHL
tELH
VOL
VCM
VO
VO
(IF = 0mA)
(IF = 5mA)
VO(MIN.)
VO(MAX.)
VOL
When the switch for
infrared light emitting
When the switch for
infrared light emitting
diode sets to A
diode sets to B
IF = 7.5mA
VO
CL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com