Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910X Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC910X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910X Datasheet(HTML) 4 Page - Sharp Corporation

  PC910X Datasheet HTML 1Page - Sharp Corporation PC910X Datasheet HTML 2Page - Sharp Corporation PC910X Datasheet HTML 3Page - Sharp Corporation PC910X Datasheet HTML 4Page - Sharp Corporation PC910X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10
20
100
40
30
0
0
25
70 75
100
50
60
70
80
90
85
Ambient temperature Ta (˚C)
Ambient Temperature
Fig. 4 Collector Power Dissipation vs.
50˚C
25˚C
70˚C
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
T a= 0˚C
Forward voltage VF (V)
Fig. 5 Forward Current vs. Forward Voltage
2
3
4
0
255075
100
1
0
Ambient Temperature
Ambient temperature Ta (˚C)
Fig. 6 High Level Output Current vs.
0.2
0.3
0.5
0
25
50
100
0.1
0.4
75
12.8mA
9.6mA
6.4mA
Ambient Temperature
IO = 16mA
Ambient temperature Ta (˚C)
Fig. 7 Low Level Output Voltage vs.
0
1
2
6
0
3
12
6
4
3
1k
Ω
5
4
5
4k
Ω
R L = 350 Ω
0
1
2
6
0
3
12
6
4
3
5
4
5
(Ambient Temp. Characteristics)
RL = 350 Ω
RL =1k Ω
IF = 250 µ A
VCC = 5.5V
VO = 5.5V
IF = 5mA
V CC= 5.5V
V E =2V
Forward current I F ( mA )
Forward current I F ( mA )
VCC =5V
T a= 25˚C
VCC =5V
T a = 0 to 70˚C
PC910X
VE =2V
Fig. 8-a Output Voltage vs. Forward Current
Fig. 8-b Output Voltage vs. Forward Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com