Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912X Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC912X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC912X Datasheet(HTML) 3 Page - Sharp Corporation

  PC912X Datasheet HTML 1Page - Sharp Corporation PC912X Datasheet HTML 2Page - Sharp Corporation PC912X Datasheet HTML 3Page - Sharp Corporation PC912X Datasheet HTML 4Page - Sharp Corporation PC912X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC912X
5V
47
0.1
µ F
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
IF
CL
VO
IF
VO
tPHL
tPLH
VOL
tr
tf
* C L includes the probe and wiring capacitance.
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
µ A
High level input current
I FH
715
mA
High level enable voltage
V EH
2.0
V CC
V
Low level enable voltage
V EL
0
0.8
V
Supply voltage
V CC
4.5
5.5
V
Fan out
( TTL load )
N-
8
-
Operating temperature
Topr
0
70
˚C
s Recommended Operating Conditions
1. When the enable input is not used, please connect to Vcc.
2. It is necessary to connect a by-pass ceramic capacitor
1cm from pin.
8 V CC
7 V E
(Enable )
6 V O
Anode 2
Cathode 3
130
(TYP.)
1.6k
(TYP.)
1k
(TYP.)
VCC
VE
VO
GND
Buffer
circuit
(*Positive logic )
s Block Diagram
Input
Enable
Output
HH
L
LH
H
HL
Z
LL
Z
L : Logic ( 0)
H : Logic ( 1)
Z : High impedance
V E
Buffer output
LL
HH
* Positive logic:
( 0.01 to 0.1
µ F) between Vcc and GND at the position within
Fig. 1 Test Circuit for t PHL, t PLH, t r and t f
s Truth Table
5 GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com