Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912X Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC912X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC912X Datasheet(HTML) 5 Page - Sharp Corporation

  PC912X Datasheet HTML 1Page - Sharp Corporation PC912X Datasheet HTML 2Page - Sharp Corporation PC912X Datasheet HTML 3Page - Sharp Corporation PC912X Datasheet HTML 4Page - Sharp Corporation PC912X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC912X
3.5
2.5
3.0
4.0
High level output current I
( mA )
-2
-4
-6
-8
T a = 70˚C
T a = 25˚C
T a
025
50
75
0
75
50
25
100
100
t PHL
t PLH
025
50
75
0
75
50
25
100
100
Forward current I F ( mA )
t PLH
t PHL
Fig. 6 High Level Output Voltage vs.
Fig. 7 Propagation Delay Time vs.
Ambient Temperature
V CC =5V
I F
V CC =5V
IF = 7.5mA
Fig. 8 Propagation Delay Time vs.
Forward Current
VCC =5V
T a = 25˚C
2.0
0- 10
= 0.25mA
4.5
High Level Output Current
OH
= 0˚C
Ambient temperature T a ( ˚C)
Please refer to the chapter “Precautions for Use ”
q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com