Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912X Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC912X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC912X Datasheet(HTML) 4 Page - Sharp Corporation

  PC912X Datasheet HTML 1Page - Sharp Corporation PC912X Datasheet HTML 2Page - Sharp Corporation PC912X Datasheet HTML 3Page - Sharp Corporation PC912X Datasheet HTML 4Page - Sharp Corporation PC912X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC912X
350
5V
0.1
µF
5V
1.5V
CL
VO
VO
VOL
IF = 7.5mA
1.5V
3V
0.1
µ F
IF
CL
VCM
0V
5V
VCM
VO
VO
(IF = 0mA)
(IF = 5mA)
VOL
VO(MAX.)
VO(MIN.)
Fig. 2 Test Circuit for t EHL and t ELH
Fig. 3 Test Circuit for CM H and CM L
Pulse input V
*CL includes the probe and wiring capacitance
E
VE
tEHL
tELH
0V
50V
2.0
1.8
1.6
1.4
0.01
0.1
1
10
100
Ta = 70˚C
Ta = 50˚C
Ta = 25˚C
Ta = 0˚C
Forward voltage VF ( V)
0.5
0.4
0.3
0.2
0.1
10
Low level output current I OL ( mA )
Ta= 0˚C
Ta = 25˚C
Ta = 25˚C
Fig. 5 Low Level Output Voltage vs.
Low Level Output Current
T a = 70˚C
Ta = 0˚C
Ta = 70˚C
VCC =5V
IF = 5mA
1.2
2.2
0
0
20
Fig. 4 Forward Current vs.
Forward Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com