Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS MS6864 Datasheet HTML 10Page - MOSA ELECTRONICS MS6864 Datasheet HTML 11Page - MOSA ELECTRONICS MS6864 Datasheet HTML 12Page - MOSA ELECTRONICS MS6864 Datasheet HTML 13Page - MOSA ELECTRONICS MS6864 Datasheet HTML 14Page - MOSA ELECTRONICS MS6864 Datasheet HTML 15Page - MOSA ELECTRONICS MS6864 Datasheet HTML 16Page - MOSA ELECTRONICS MS6864 Datasheet HTML 17Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
13/21
www.mosanalog.com
OPERATION PROCEDURE
The sequence of operation: power on→ active → power down → active → power off. The basic flowcharts are as
follows:
For HP mode and HP/BTL mode
Volume Down To Mute
Input Channels Mute On
[ Attenuation and Mute ]
Code: Lch 00111111 (3Fh)
Rch 01111111 (7Fh)
Power Off
Disconnect VDD
VDD will be fell down to 0V
Power Off
Power On
Power On
VDD = Supply voltage
Activating
Power Down
(Shut Down)
All The Digital Interface Signals
Pull Low
I2C pull low
Power Down Preparation
[ Power Down Mode ]
Code: 11010010 (D2h)
[ Disable Input & Gain = 0dB]
Code: Lch 10000011 (83h)
Rch 10100011 (a3h)
wait 7 sec
Power Down All The Devices
Pull Down CAP Pin To Ground
[ Power Down Mode ]
Code: 11011111 (DFh)
Keep All The Digital Interface
Signals Unchanged
All the Digital Interface Signals
Pull Low
I2C pull low
VDD = GND
Disable Power Down
[ Power Down Mode ]
Code: 11010011 (D3h)
Wait 0.5 sec
Setting Input Gain Is Fixed
[ Enable Input & Input Gain ]
Code: Lch 100xxx00
Rch 101xxx00
CAPPD = 0
[ Power Down Mode ]
Code: 11010010 (D2h)
Wait 0.5 sec
Default Status
[Attenuation & Mute]
Mute on (max attenuation)
[ Input Gain ]
0dB
[ Power Down Mode ]
All are power down status
[ Output Mode]
BTL mode
Power Down All The Devices
Only CAPPD Keep Activating
[ Power Down Mode ]
Code: 11011110 (DEh)
Volume Down To Mute
Input Channels Mute On
[ Attenuation and Mute ]
Code: Lch 00111111 (3Fh)
Rch 01111111 (7Fh)
PDPR = 0
[ Power Down Mode ]
Code: 11010000 (D0h)
Wait 0.5 sec
Mute Off And Volume Up/Down
Step By Step
[ Attenuation and Mute ]
Code: Lch 00xxxxxx
Rch 01xxxxxx
Power Down Preparation
[ Power Down Mode ]
Code: 11010010 (D2h)
[ Disable Input & Gain = 0dB]
Code: Lch 10000011 (83h)
Rch 10100011 (a3h)
wait 7 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com