Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6864 Datasheet HTML 1Page - MOSA ELECTRONICS MS6864 Datasheet HTML 2Page - MOSA ELECTRONICS MS6864 Datasheet HTML 3Page - MOSA ELECTRONICS MS6864 Datasheet HTML 4Page - MOSA ELECTRONICS MS6864 Datasheet HTML 5Page - MOSA ELECTRONICS MS6864 Datasheet HTML 6Page - MOSA ELECTRONICS MS6864 Datasheet HTML 7Page - MOSA ELECTRONICS MS6864 Datasheet HTML 8Page - MOSA ELECTRONICS MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
2/21
www.mosanalog.com
PIN CONFIGURATION
Note: 1. SE: Single Ended.
BTL: Bridged-Tied Load
Note: 1. SE: Single Ended.
BTL: Bridged-Tied Load
Symbol
Pin
Description
VSS
1
Connected to ground
CAP
2
Capacitor connected
RIN
3
Right channel input
AVSS
4
Negative supply voltage
OUTR-
5
SE right channel output or negative
output of BTL right channel
PVDDR
6
Positive supply voltage for right
channel of power amplifier
OUTR+
7
Positive output of BTL right channel
PVSSR
8
Negative supply voltage for right
channel of power amplifier
PVSSL
9
Negative supply voltage for left channel
of power amplifier
OUTL+
10
Positive output of BTL left channel
PVDDL
11
Positive supply voltage for left channel
of power amplifier
OUTL-
12
SE left channel output or negative
output of BTL left channel
AVDD
13
Positive supply voltage
LIN
14
Left channel input
SDA
15
I
2C data input
SCL
16
I
2C clock input
15
14
13
16
2
3
4
1
SCL
SDA
LIN
AVDD
VSS
CAP
RIN
AVSS
11
10
9
12
6
7
8
5
PVDDL
OUTL+
OUTR-
OUTR+
PVSSL
OUTL-
PVDDR
PVSSR
Thermal
Pad
MS6864, TSSOP16
Symbol
Pin
Description
VSS
1,2,20 Connected to ground
NC
9,12
No Connect
CAP
3
Capacitor connected
RIN
4
Right channel input
AVSS
5
Negative supply voltage
OUTR-
6
SE right channel output or negative
output of BTL right channel
PVDDR
7
Positive supply voltage for right
channel of power amplifier
OUTR+
8
Positive output of BTL right channel
PVSSR
10
Negative supply voltage for right
channel of power amplifier
PVSSL
11
Negative supply voltage for left channel
of power amplifier
OUTL+
13
Positive output of BTL left channel
PVDDL
14
Positive supply voltage for left channel
of power amplifier
OUTL-
15
SE left channel output or negative
output of BTL left channel
AVDD
16
Positive supply voltage
LIN
17
Left channel input
SDA
18
I
2C data input
SCL
19
I
2C clock input
SCL
16
17
18
19
20
2
3
4
1
Vss
CAP
RIN
AVSS
5
OUTR-
SDA
LIN
AVDD
OUTL-
15
6
14
7
PVDDR
Vss
PVDDL
Vss
13
OUTR+
8
NC
OUTL+
12
9
11
10
PVSSR
PVSSL
NC
MS6864, SSOP20(209mils)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com