Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6864 Datasheet HTML 1Page - MOSA ELECTRONICS MS6864 Datasheet HTML 2Page - MOSA ELECTRONICS MS6864 Datasheet HTML 3Page - MOSA ELECTRONICS MS6864 Datasheet HTML 4Page - MOSA ELECTRONICS MS6864 Datasheet HTML 5Page - MOSA ELECTRONICS MS6864 Datasheet HTML 6Page - MOSA ELECTRONICS MS6864 Datasheet HTML 7Page - MOSA ELECTRONICS MS6864 Datasheet HTML 8Page - MOSA ELECTRONICS MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
3/21
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16Pin TSSOP (lead free)
MS6864TGTR
MS6864G
2.5k Units Tape and Reel
16Pin TSSOP (lead free)
MS6864TGU
MS6864G
90 Units Tube
20Pin SSOP (lead free)
MS6864SSGTR
MS6864G
2k Units Tape and Reel
20Pin SSOP (lead free)
MS6864SSGU
MS6864G
66 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP16 (enhanced thermal pad)
SSOP20
51
110
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VDC
Output DC level
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
All devices are active, BTL
-
10
-
All devices are active, SE
6.7
L-ch (R-ch) PD, BTL
5.2
IQ
Quiescent current
L-ch (R-ch) PD, SE
3.4
mA
All devices power down
-
-
0.3
IPD
Power down current
All devices power down,
except CAP=1/2 VDD
12
uA
ATT
Mute attenuation
-90
dB
Gain
0
-
21
dB
GARAN
Gain/Attenuation range
Attenuation
-77.5
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com