Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864SSGU Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6864SSGU
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864SSGU Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6864SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
10/21
www.mosanalog.com
I
2C data bytes description
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
L-ch, Attenuation and Mute
0
1
B2
B1
B0
A2
A1
A0
R-ch, Attenuation and Mute
1
0
0
G2
G1
G0
0
0
L-ch, Input Gain
1
0
1
G2
G1
G0
0
0
R-ch, Input Gain
1
1
0
1
RPD
LPD
PDPR
CAP
PD
Power Down Mode
1
1
1
S/B
0
0
0
0
Output mode (SE/BTL)
Where Ax = 1.25dB/step; Bx = 10dB/step; Gx = 3dB/step
Attenuation and Mute
MSB
LSB
Function
0
0
L-ch, Attenuation and Mute
0
1
B2
B1
B0
A2
A1
A0
R-ch, Attenuation and Mute
0
0
0
0 dB
0
0
1
-1.25 dB
0
1
0
-2.5 dB
0
1
1
-3.75 dB
1
0
0
-5 dB
1
0
1
-6.25 dB
1
1
0
-7.5 dB
1
1
1
-8.75 dB
0
0
0
0 dB
0
0
1
-10 dB
0
1
0
-20 dB
0
1
1
-30 dB
1
0
0
-40 dB
1
0
1
-50 dB
1
1
0
-60 dB
1
1
1
-70 dB
1
1
1
1
1
1
Mute
Initial state: Both L-ch and R-ch are mute-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com