Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864SSGU Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6864SSGU
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864SSGU Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6864SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 18Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 19Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 20Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
16/21
www.mosanalog.com
Output mode operation -- SE mode and BTL mode
The output has two modes, SE mode and BTL mode. The mode is selected by I2C code via MCU.
In BTL mode, the outputs of A1(B1) and A2(B2) are then used to drive the speakers(4Ω/8Ω).
OUTR+
OUTR-
OUTL+
OUTL-
-1
-1
-1
-1
SCL
SDA
I2C
Interface
R
L
4Ω / 8Ω
R
L
4Ω / 8Ω
A1
A2
B1
B2
In the SE mode, the amplifiers A2 and B2 are shutdown, and become the high output impedance states.
OUTR-
OUTL-
-1
-1
-1
-1
SCL
SDA
I2C
Interface
R
L
16Ω / 32Ω
100uF
1k
Headphone
Jack
Shutdown
Shutdown
100uF
1k
A1
A2
B1
B2
Headphone sense
The output mode is SE or BTL that is decided by a headphone. It has to be set SE mode when a headphone is plug-in
status. The output mode is selected by I2C command code by MCU. Please note that the MS6864 don’t detect a
headphone automatically. Thus a detect function is executed via MCU. An operation diagram is shown as follows:
The HP_sense pin is high when a headphone is plug-in.
The HP_sense pin is low when a headphone is not plug-in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com