Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864SSGU Datasheet(PDF) 18 Page - MOSA ELECTRONICS

Part # MS6864SSGU
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864SSGU Datasheet(HTML) 18 Page - MOSA ELECTRONICS

Back Button MS6864SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 18Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 19Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 20Page - MOSA ELECTRONICS MS6864SSGU Datasheet HTML 21Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
18/21
www.mosanalog.com
SSOP20 (209mil)
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
2
-
-
0.079
A1
0.05
-
-
0.002
-
-
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.3
0.33
0.009
0.012
0.013
C
0.09
0.15
0.21
0.004
0.006
0.008
D
6.9
7.2
7.5
0.272
0.283
0.295
E
7.4
7.8
8.2
0.291
0.307
0.323
E1
5
5.3
5.6
0.197
0.209
0.220
e
0.650 BASIC
0.026 BASIC
L
0.55
0.75
0.95
0.022
0.03
0.038
L1
1.25 REF.
0.049 REF.
R1
0.09
-
-
0.004
-
-
θ
0
4
8
0
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com