Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC9D17 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC9D17
Description  High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D17 Datasheet(HTML) 2 Page - Sharp Corporation

  PC9D17 Datasheet HTML 1Page - Sharp Corporation PC9D17 Datasheet HTML 2Page - Sharp Corporation PC9D17 Datasheet HTML 3Page - Sharp Corporation PC9D17 Datasheet HTML 4Page - Sharp Corporation PC9D17 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC9D17
s Electro-optical Characteristics
s Recommended Operating Conditions
8
1
2
3
45
6
7
Pulse input
10
µ s
Pulse width
IF monitor
100
Ω
CL = 15pF
IF
0
1.5V
1.5V
5V
tPHL
tPLH
0.01
µ F
VO
VOL
VO
RL
VCC
IF
Fig. 1 Test Circuit for Propagation Delay Time
Duty ratio
1/10
( Unless otherwise specified, Ta = 0 to + 70˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
Ta = 25˚C, I F = 16mA
-
1.7
1.95
V
Reverse current
IR
Ta = 25˚C, VR =5V
-
-
10
µ A
Terminal capacitance
Ct
Ta = 25˚C, VF = 0, f = 1MH Z
-
60
250
pF
Output
High level output current ( 1)
IOH(1)
Ta = 25˚C, I F = 0, VCC =VO = 5.5V
-
500
nA
High level output current ( 2)
IOH(2)
Ta = 25˚C, I F = 0, VCC =VO = 15V
--
1
µ A
High level output current ( 3)
IOH(3)
IF = 0, VCC =V O = 15V
-
-
50
µ A
Low level output voltage
V OL
IF = 16mA, I O = 2.4mA, VCC = 4.5V
-
-
0.4
V
Low level supply current
ICCL
IF = 16mA, V O = open, VCC = 15V
-
400
-
µ A
High level supply current ( 1)
ICCH(1)
Ta = 25˚C, I F = 0, V O = open V CC = 15V
-
0.02
1
µ A
High level supply current ( 2)
ICCH(2)
IF = 0, VO = open, VCC = 15V
-
2
µ A
Transfer
charac-
teristics
Current transfer ratio
CTR
Ta = 25˚C, I F = 16mA, VO = 0.4V, V CC = 4.5V
19
-
-
%
Isolation resistance
RISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
Ta = 25˚C, V = 0, f = 1MHZ
-
0.6
-
pF
propagation delay time
“ High
→Low”
t PHL
Ta = 25˚C, R L = 1.9k
Ω
IF = 16mA, VCC =5V
Fig. 1
-
0.3
0.8
µ s
propagation delay time
“ Low
→High”
t PLH
Ta = 25˚C, R L = 1.9k
Ω
IF = 16mA, VCC =5V
Fig. 1
-
0.3
0.8
µ s
Instantaneous common mode rejection
CMH
Ta = 25˚C, I F = 0, R L = 1.9k
Ω
V CM = 10Vp-p, VCC =5V
Fig. 2
--
V/
µ s
Instantaneous common mode rejection
CML
V CM = 10Vp-p, VCC =5V
Ta = 25˚C, I F = 16mA, R L = 19k
Ω
Fig. 2
--
V/
µ s
voltage “ Low level output ”
voltage “ High level output ”
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
IF
-
-
16
mA
Supply voltage
V CC
-5
-
V
Operating temperature
T opr
0
-
70
˚C
-
All typical values : at Ta = 25˚C
Forward current
Ta = 25˚C, DC500V, 40 to 60% RH
1 000
- 1 000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com