Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC9D17 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC9D17
Description  High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D17 Datasheet(HTML) 3 Page - Sharp Corporation

  PC9D17 Datasheet HTML 1Page - Sharp Corporation PC9D17 Datasheet HTML 2Page - Sharp Corporation PC9D17 Datasheet HTML 3Page - Sharp Corporation PC9D17 Datasheet HTML 4Page - Sharp Corporation PC9D17 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC9D17
Fig. 2 Test Circuit for Instantaneous Common Mode Rejection Voltage
8
1
2
3
45
6
7
IF
VFF
VCM
tf
10V
VCM
0V
CMH
CML
10 %
tr
90 %
10 %
90 %
IF = 16mA
IF = 0mA
0.8V
2V
5V
VO
+-
0.01
µ F
VO
VO
VO
5
10
30
25
20
15
0
125
100
75
50
25
0
-55
Fig. 3 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0˚C
25˚C
1.0
0.01
0.1
2.0
1
10
100
50˚C
Fig. 5 Forward Current vs. Forward Voltage
Forward voltage V F ( V )
- 25˚C
T a = 75˚C
0
010
20
10
20mA
15mA
10mA
5mA
Fig. 6 Output Current vs. Output Voltage
Output voltage V O (V)
0
125
100
75
50
25
0
-55
10
20
30
40
50
60
P
P O
Forward voltage V F (V)
Ambient Temperature
V CC =5V
T a = 25˚C
20
IF = 25mA
VCC
RL
1.5
( Dotted line shows pulse characteristics )
Fig. 4 Power Dissipation vs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com