Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC9D17 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC9D17
Description  High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D17 Datasheet(HTML) 4 Page - Sharp Corporation

  PC9D17 Datasheet HTML 1Page - Sharp Corporation PC9D17 Datasheet HTML 2Page - Sharp Corporation PC9D17 Datasheet HTML 3Page - Sharp Corporation PC9D17 Datasheet HTML 4Page - Sharp Corporation PC9D17 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC9D17
0
0.1
CTR = 100% at
50
100
150
1
10
100
Forward Current
Forward current I F ( mA )
Fig. 7 Relative Current Transfer Ratio vs.
IF = 16mA
0
50
100
150
-30
0
20
40
60
80
100
Fig. 8 Relative Current Transfer Ratio vs.
Ambient Temperature
CTR = 100% at Ta = 25˚C
Ambient temperature T a (˚C)
0
200
400
600
800
- 60
- 20
20
60
100
80
40
0
-40
Ambient Temperature
t PLH
t PHL
Fig. 9 Propagation Delay Time vs.
Ambient temperature Ta (˚C)
0.1
0
1
10
10
100
Fig.10 Propagation Delay Time vs.
Forward current I F ( mA )
0
1
2
20
0
3
6
10
10k
Ω
5
4
4.1k
Ω
VCC =5V
RL = 1.9k Ω
Fig.11 Output Voltage vs. Forward Current
T a = 25˚C
- 60
- 40
- 20
0
20
100
80
60
40
V CC =VO =5V
Ambient Temperature
Ambient temperature Ta (˚C)
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
Fig.12 High Level Output Current vs.
V CC =5V
IF = 16mA
T a = 25˚C
V CC =5V
V O = 0.4V
T a = 25˚C
IF = 16mA
V O = 0.4V
V CC =5V
IF = 16mA
VCC =5V
RL = 1.9k Ω
Load Resistance
Load resistance RL ( k Ω )
t PHL
t PLH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com