Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD412PI Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD412PI
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD412PI Datasheet(HTML) 1 Page - Sharp Corporation

  PD412PI Datasheet HTML 1Page - Sharp Corporation PD412PI Datasheet HTML 2Page - Sharp Corporation PD412PI Datasheet HTML 3Page - Sharp Corporation PD412PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
2.4
0.5
2.54
g
1.5
1
2
1
2
VR
32
V
P
150
mW
T opr
˚C
T stg
˚C
T sol
260
˚C
4.0
± 0.2
R1.75
± 0.1
2.0
± 0.2
Compact Package Type
Photodiode with Condensing Lens
Features
Applications
Outline Dimensions
(Unit : mm)
Detector center
Transparent epoxy resin
1 Anode
2 Cathode
*Tolerance : ± 0.15
* ( ) : Reference dimensions
g Dimension at lead root
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
*1
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
-25 to +85
- 40 to +100
*1 For MAX. 5 seconds at the position of 2.15 mm from the resin edge
PD412PI
PD412PI
1. High sensitivity
2. High speed response
1. Optoelectronic switches
Soldering area
2-0.45
+ 0.2
- 0.1
2-0.4
+ 0.2
- 0.1
(TYP. 0.5A/W at
λ
p
= 780nm)
2. MD (mini disk) laser power monitors
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - PD412PI

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PD412011 POWEREX-PD412011 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD412211 POWEREX-PD412211 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD412411 POWEREX-PD412411 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
More results

Similar Description - PD412PI

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD411PI SHARP-PD411PI Datasheet
49Kb / 4P
Compact Package Type Photodiode with Condensing Lens
logo
Hamamatsu Corporation
S6036 HAMAMATSU-S6036 Datasheet
89Kb / 2P
Si PIN photodiode 7 mm lens plastic package
S6801 HAMAMATSU-S6801 Datasheet
101Kb / 2P
Si PIN photodiode ?14 mm lens plastic package
logo
OSRAM GmbH
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
SMD package with lens
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
SMD package with lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
SMD package with lens
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
SMD package with lens
logo
Everlight Electronics C...
EAPDST3020A1 EVERLIGHT-EAPDST3020A1 Datasheet
426Kb / 9P
Chip Photodiode with Right Angle Lens
EAPDSV3020A0 EVERLIGHT-EAPDSV3020A0 Datasheet
439Kb / 9P
Chip Photodiode with Right Angle Lens
EAPDSV3020A2 EVERLIGHT-EAPDSV3020A2 Datasheet
492Kb / 9P
Chip Photodiode with Right Angle Lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com