Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD412PI Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD412PI
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD412PI Datasheet(HTML) 3 Page - Sharp Corporation

  PD412PI Datasheet HTML 1Page - Sharp Corporation PD412PI Datasheet HTML 2Page - Sharp Corporation PD412PI Datasheet HTML 3Page - Sharp Corporation PD412PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PD412PI
(Ta = 25˚C)
Fig. 3 Spectral Sensitivity
Fig. 4 Dark Current vs. Ambient Temperature
Fig. 5 Dark Current vs. Reverse Voltage
Fig. 6 Terminal Capacitance vs. Reverse
Voltage
Fig. 7 Relative Output vs. Ambient Temperature
Fig. 8 Radiation Diagram
Wavelength
λ (nm)
Ambient temperature T a (˚C)
Light source : CIE standard light
source A (tungsten lamp)
- 25
0
25
50
75
100
85
90
95
100
105
110
115
Reverse voltage VR (V)
f=1MHz
Ta=25˚C
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Reverse voltage V R(V)
Ta=25˚C
0.01
0.1
1
10
100
0.1
1
10
100
1000
Ambient temperature T a (˚C)
VR=10V
- 25
0
25
50
75
100
10
10
10
10
10
10
10
-13
-12
-11
-10
-9
-8
-7
Ta=25˚C
400
500
600
700
800
900 1000 1100 1200
0
10
20
30
40
50
60
70
80
90
100
0
100
20
40
60
80
0
+ 90˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
- 10˚
- 20˚
Angular displacement
θ
+10˚
+ 20˚



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com