Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD412PI Datasheet(PDF) 4 Page - Sharp Corporation

Part # PD412PI
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD412PI Datasheet(HTML) 4 Page - Sharp Corporation

  PD412PI Datasheet HTML 1Page - Sharp Corporation PD412PI Datasheet HTML 2Page - Sharp Corporation PD412PI Datasheet HTML 3Page - Sharp Corporation PD412PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10V
+
IOUT = 0.1mA
tr
RL
90%
10%
Semiconductor laser
Pulse generator
Output
Input
Output
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Test Circuit for Response Time
PD412PI
PD412PI
Fig. 10 Response Time vs. Load Resistance
0.1
1
10
100
GL538
10 -4
10 -3
10 -2
10 -1
GL537
IF= 20mA
Ta = 25˚C
Fig. 9 Relative Output vs. Distance
(Detector : GL537/GL538)
Distance between emitter and detector d (m)
tf
Load resistance R L (
Ω )
VR=10V
Ta=25˚C
10
0.01
0.1
10
100
1
1
10 2
10 3
10 4
105
tr,tf
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com