Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3RF33 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ3RF33
Description  3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF33 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ3RF33 Datasheet HTML 1Page - Sharp Corporation PQ3RF33 Datasheet HTML 2Page - Sharp Corporation PQ3RF33 Datasheet HTML 3Page - Sharp Corporation PQ3RF33 Datasheet HTML 4Page - Sharp Corporation PQ3RF33 Datasheet HTML 5Page - Sharp Corporation PQ3RF33 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low Power-Loss Voltage Regulators
,,,
,,,
,,,
,,,
20
0
5
1.5
10
15
18
-20
0
20406080
PD2
PD1
Ambient temperature Ta (˚C)
Fig.1 Test Circuit
Parameter
Symbol
Conditions
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
MIN.
3.218
-
-
-
-
45
-
-
2
-
-
-
-
3.3
0.2
0.2
0.5
±0.02
55
-
-
-
-
-
-
-
3.382
2
2
2.5
-
-
0.5
0.5
-
20
0.8
-0.4
10
s Electrical Characteristics
*3 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*4 In case of opening control terminal 4,output voltage turns on.
(Unless otherwise specified,conditions shall be IO=1.0A[PQ3RF23]/IO=1.5A[PQ3RF33],VIN=5V,Ta=25˚C)
PQ3RF23
PQ3RF33
PQ3RF23
PQ3RF33
VO
RegL
RegI
TCVO
RR
Vi-O
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
-
IO=5mA to 2.0A
IO=5mA to 3.5A
VIN=4 to 10V
Tj=0 to 125˚C
-
*3, IO=2.0A
*3, IO=3.0A
-
VC=2.7V
-
VC=0.4V
IO=0A
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
*4
Fig.2 Test Circuit of Ripple Rejection
q
3
q
2
q
1
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
Fig.4
Power dissipation vs. Ambient
temperature (PQ3RF33)
Fig.3
Power Dissipation vs. Ambient
Temperature (PQ3RF23)
,,,
,,,
,,,
,,,
20
0
5
1.8
10
15
18
-20
0
20406080
PD2
PD1
Ambient temperature Ta (˚C)
Note) Oblique line portion:Overheat protection may operate
in this area.
q
3
q
2
q
1
q
4
V
ei
VIN
IO
eo
RL
0.33
µF
47
µF
+
+
~
~
f=120Hz (sine wave)
ei=0.5Vrms
VIN=5V
IO=0.5A
RR=20 log (ei/eo)
Note) Oblique line portion:Overheat protection may operate
in this area.
PQ3RF23/PQ3RF33



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com