Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3RF33 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ3RF33
Description  3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF33 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ3RF33 Datasheet HTML 1Page - Sharp Corporation PQ3RF33 Datasheet HTML 2Page - Sharp Corporation PQ3RF33 Datasheet HTML 3Page - Sharp Corporation PQ3RF33 Datasheet HTML 4Page - Sharp Corporation PQ3RF33 Datasheet HTML 5Page - Sharp Corporation PQ3RF33 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low Power-Loss Voltage Regulators
80
0
0.5
1
1.5
2
Output current IO (A)
40
50
60
70
ei=0.5Vrms
f=120Hz
VIN=5V
1
80
03
2.5
2
1.5
0.5
30
40
50
60
70
ei=0.5Vrms
f=120Hz
VIN=5V
Output current IO (A)
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
ei=0.5Vrms
IO=0.5A
VIN=5V
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
ei=0.5Vrms
IO=0.5A
VIN=5V
Fig.17 Ripple Rejection vs. Input Ripple
Frequency
Fig.19 Ripple Rejection vs. Output Current
Fig.18 Ripple Rejection vs. Input Ripple
Frequency
Fig.20 Ripple Rejection vs. Output Current
PQ3RF23/PQ3RF33
(PQ3RF23)
(PQ3RF33)
(PQ3RF23)
(PQ3RF33)
Junction temperature Tj (˚C)
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
-25
0
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
25
50
75
100
125
VIN=10V
VIN=7V
VIN=4.3V
VIN=3.8V
VIN=5V
-25
0
4.0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
25
50
75
100
125
VIN=10V
VIN=7V
VIN=4.3V
VIN=3.8V
VIN=5V
IOP:Output current when
output voltage is 95% in
comparison with the initial value
Junction temperature Tj (˚C)
Fig.21 Output Peak Current vs. Junction
Temperature
Fig.22 Output Peak Current vs. Junction
Temperature
(PQ3RF33)
(PQ3RF23)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com