Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3RF33 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ3RF33
Description  3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF33 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ3RF33 Datasheet HTML 1Page - Sharp Corporation PQ3RF33 Datasheet HTML 2Page - Sharp Corporation PQ3RF33 Datasheet HTML 3Page - Sharp Corporation PQ3RF33 Datasheet HTML 4Page - Sharp Corporation PQ3RF33 Datasheet HTML 5Page - Sharp Corporation PQ3RF33 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low Power-Loss Voltage Regulators
-25
0
25
50
75
100
125
Junction temperature Tj (˚C)
-100
-80
-60
-40
-20
20
40
60
80
0
100
VIN=5V
IO=0A
5
03
4
6
7
2
18
2
3
1
4
Input voltage VIN (V)
Tj=25˚C
RL=0.94
Ω
RL=1.65
Ω
RL=3.3
Ω
RL=
∞
5
03
4
6
7
2
18
2
3
1
4
Input voltage VIN (V)
Tj=25˚C
RL=1.65
Ω
RL=3.3
Ω
RL=
∞
Junction temperature Tj (˚C)
-25
0
25
50
75
100
125
-100
-80
-60
-40
-20
20
40
60
80
0
100
VIN=5V
IO=0A
PQ3RF23/PQ3RF33
Fig.7
Output Voltage Deviation vs.
Junction Temperature
Fig.9
Output Voltage vs. Input Voltage
Fig.8
Output Voltage Deviation vs.
Junction Temperature
Fig.10 Output Voltage vs. Input Voltage
(PQ3RF23)
(PQ3RF33)
(PQ3RF33)
(PQ3RF23)
Output current IO (A)
5
03
4
6
7
8
2
1
2
3
1
4
Tj=25˚C
VIN=3.8V 4.3V 5V 7V 10V
Fig.5
Overcurrent Protection Characteristics
Fig.6
Overcurrent Protection Characteristics
(PQ3RF33)
(PQ3RF23)
Output current IO (A)
5
03
4
6
7
2
1
2
3
1
4
Tj=25˚C
VIN=3.8V 4.3V 5V 7V 10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com