Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S22MD2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S22MD2
Description  Photothyristor Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S22MD2 Datasheet(HTML) 2 Page - Sharp Corporation

  S22MD2 Datasheet HTML 1Page - Sharp Corporation S22MD2 Datasheet HTML 2Page - Sharp Corporation S22MD2 Datasheet HTML 3Page - Sharp Corporation S22MD2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S22MD2
s Electro-optical Characteristics
( Ta = 25˚C)
- 30
0
20406080
100
0
Ambient temperature T a (˚C)
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
- 30
0
25
50
75
100
125
0
10
20
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
5
10
20
50
100
200
500
Fig. 3 Forward Current vs. Forward Voltage
Forward voltage V F (V)
- 30
0
20406080
100
0
2
4
6
8
10
12
20k
Ω
50k
Ω
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
RG = 10kΩ
Ambient temperature T a (˚C)
V D =6V
R L = 100Ω
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VF
IF = 30mA
-
1.2
1.4
V
R
V R
-
-
10
A
DRM
V DRM = Rated, R G = 20k
Ω
--
10-6
A
RRM
V RRM = Rated, R G = 20k
Ω
--
10-6
A
V T
IT = 200mA
-
1.0
1.4
V
H
V D = 6V, R G = 20k
Ω
-
0.3
1
mA
2
VDRM = 1/
Rated, RG = 20k
Ω
3-
-
V/
µ s
FT
V D = 6V, R L = 100
Ω , RG = 20kΩ
-6
8
mA
ISO
5x 1010
1011
-
Ω
on
VD = 6V, RG = 20k
Ω , RLF =
30mA
-20
50
µs
Parameter
Input
Forward voltage
Reverse current
Output
Repetitive peak OFF-state current
ON-state voltage
Holding current
Transfer-
charac-
teristics
Minimum trigger current
Isolation resistance
Turn-on time
I
I
I
I
I
R
t
-5
= 100
Ω , I
=4V
100
200
Repetitive peak reverse current
Critical rate of rise of OFF-state voltage
DC500V, 40 to 60% RH
50˚C
25˚C
0˚C
- 25˚C
T a = 75˚C
dV/dt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com