Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S22MD2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S22MD2
Description  Photothyristor Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S22MD2 Datasheet(HTML) 4 Page - Sharp Corporation

  S22MD2 Datasheet HTML 1Page - Sharp Corporation S22MD2 Datasheet HTML 2Page - Sharp Corporation S22MD2 Datasheet HTML 3Page - Sharp Corporation S22MD2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S22MD2
2
1
+ VCC
VIN
CG
RG
ZS
Load
ZS : Snubber circuit
s Basic Operation Circuit
AC 100V, 200V
5
6
7
2
1
+ VCC
VIN
CG
RG
Load
AC 100V, 200V
5
6
7
Medium/High Power Thyristor Drive Circuit
Medium/High Power Triac Drive Circuit (Zero-cross Operation)
4
3
4
3
q
Please refer to the chapter “ Precautions for Use” ( Page 78 to 93) .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com