Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S22MD2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S22MD2
Description  Photothyristor Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S22MD2 Datasheet(HTML) 3 Page - Sharp Corporation

  S22MD2 Datasheet HTML 1Page - Sharp Corporation S22MD2 Datasheet HTML 2Page - Sharp Corporation S22MD2 Datasheet HTML 3Page - Sharp Corporation S22MD2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S22MD2
1
2
5
10
20
50
100
200
1
2
5
10
20
50
100
Fig. 5 Minimum Trigger Current vs.
Gate Resistance
Gate resistance R G
V D =6V
R L = 100Ω
T a = 25˚C
- 30 - 20
0
20
40
60
80
100 120
0
100
200
300
400
500
600
700
800
900
20k
Ω
Fig. 6 Break Over Voltage vs.
Ambient temperature T a (˚C)
RG = 10kΩ
0
20406080
100
1
2
5
10
20
50
100
Fig. 7 Critical Rate of Rise of OFF-state
Voltage vs. Ambient Temperature
Ambient temperature T a (˚C)
R G = 20kΩ
V DRM = 1/
Rated
2
- 30
0
20406080
100
0.01
0.02
0.05
0.1
0.2
0.5
1
20kΩ
50kΩ
Fig. 8 Holding Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
V D =6V
R
G
= 10kΩ
0
20406080
100
2
5
2
5
2
5
Fig. 9 Repetitive Peak OFF-state Current vs.
Ambient temperature T a (˚C)
V DRM = Rated
R G = 20kΩ
2
5
10 -6
10 -7
10 -8
( k
Ω )
Ambient Temperature
Ambient Temperature
50k
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com