Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC241LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC241LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC241LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC241LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
High Isolation: 43 dB @ 2 GHz
Low Insertion Loss: 0.7 dB @ 2 GHz
Single Positive Supply: Vdd = +5V
Integrated 2:4 TTL Decoder
3x3 mm SMT Package
Electrical Specifications, T
A = +25° C, For TTL Control and Vdd = +5V in a 50 Ohm System
Typical Applications
The HMC241LP3 / HMC241LP3E is ideal for:
• Base Stations & Repeaters
• WLAN, WiMAX & WiBro
• CATV / DBS
• Test Equipment
The HMC241LP3 & HMC241LP3E are general pur-
pose non-reflective SP4T switches in low cost lead-
less surface mount packages. Covering DC - 4 GHz,
this switch offers high isolation and has a low insertion
loss of 0.7 dB at 2 GHz. The switch offers a single
positive bias and true TTL/CMOS compatibility. A
2:4 decoder is integrated on the switch requiring
only 2 control lines and a positive bias to select each
path, replacing 4 to 8 control lines normally required
by GaAs SP4T switches.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 4.0 GHz
0.6
0.7
0.9
1.2
0.9
1.0
1.2
1.5
dB
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 4.0 GHz
40
38
35
25
45
43
40
30
dB
dB
dB
dB
Return Loss
“On State”
DC - 2.5 GHz
DC - 4.0 GHz
18
12
dB
dB
Return Loss
RF1-4 “Off State”
0.3 - 4.0 GHz
12
dB
Input Power for 1dB Compression
0.3 - 4.0 GHz
26
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.3 - 4.0 GHz
45
dBm
Switching Characteristics
0.3 - 4.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
40
100
ns
ns
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4 GHz
v01.0905
HMC241LP3 / 241LP3E


Similar Part No. - HMC241LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC241LP3 HITTITE-HMC241LP3 Datasheet
276Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC241LP3E HITTITE-HMC241LP3E Datasheet
276Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC241LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
logo
Analog Devices
HMC244AG16 AD-HMC244AG16 Datasheet
406Kb / 5P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com