Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPV1040
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPV1040 Datasheet HTML 2Page - STMicroelectronics SPV1040 Datasheet HTML 3Page - STMicroelectronics SPV1040 Datasheet HTML 4Page - STMicroelectronics SPV1040 Datasheet HTML 5Page - STMicroelectronics SPV1040 Datasheet HTML 6Page - STMicroelectronics SPV1040 Datasheet HTML 7Page - STMicroelectronics SPV1040 Datasheet HTML 8Page - STMicroelectronics SPV1040 Datasheet HTML 9Page - STMicroelectronics SPV1040 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
SPV1040
6/15
Doc ID 18080 Rev 3
4
Electrical characteristics
VMPP-SET = 0.5 V, VCTRL = Ictrl+ = Ictrl- = GND, XSHUT = 0.5 V, TJ = -40 °C to 125 °C,
unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input source section
VMPP-SET
Low boost voltage
threshold
VOUT = 3.3V
0.4
0.45
0.50
V
Iq
Quiescent current
ILOAD=0mA, VCTRL=2V, VOUT=3.3V,
60
80
μA
ISD
Shutdown current
VOUT = 3.3V, VCTRL=2V,
ILOAD = 0mA, XSHUT = GND
0.7
5
μA
Irev
Reverse input source
current
VMPP-SET=-4V, VOUT = 1.5V
1
5
μA
VUVLO
Undervoltage lockout
threshold for turn ON
@VOUT = 3.3V
VMPP-SET increasing
0.27
0.34
V
Undervoltage lockout
threshold for turn OFF
@VOUT = 3.3V
VMPP-SET decreasing
0.14 0.24
V
Power section
RDS_ON-N
N-channel power
switch ON resistance
120
m
Ω
RDS_ON-P
P-channel
synchronous rectifier
ON resistance
VCTRL=2V
140
m
Ω
Control section
VMPPT-THR MPPT-mode threshold Vout increasing, VMPP-SET = 1.5V
1.7
1.8
2
V
VOUT
Output voltage range
VMPP-SET 1.5V
2
5.2(1)
V
POUT
(2)
Maximum output
power
VMPP-SET 1.5V
3
W
ILx
Maximum inductor
current peak
1.5
1.65
1.8
A
FPWM
PWM signal frequency
70
100
130
kHz
VREF
Internal VCTRL
reference voltage
VOUT 1.8V, VCTRL increasing
1.2
1.25
1.3
V
VIctrl
Sensing current offset
ICTRL+ - ICTRL- decreasing
40
50
60
mV
XSHUT
XSHUT logic LOW
XSHUT increasing
0.27
0.34
V
XSHUT logic HIGH
XSHUT decreasing
0.14 0.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com