Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPV1040
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040 Datasheet(HTML) 1 Page - STMicroelectronics

  SPV1040 Datasheet HTML 1Page - STMicroelectronics SPV1040 Datasheet HTML 2Page - STMicroelectronics SPV1040 Datasheet HTML 3Page - STMicroelectronics SPV1040 Datasheet HTML 4Page - STMicroelectronics SPV1040 Datasheet HTML 5Page - STMicroelectronics SPV1040 Datasheet HTML 6Page - STMicroelectronics SPV1040 Datasheet HTML 7Page - STMicroelectronics SPV1040 Datasheet HTML 8Page - STMicroelectronics SPV1040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2011
Doc ID 18080 Rev 3
1/15
15
SPV1040
High efficiency solar battery charger with embedded MPPT
Features
0.3 V to 5.5 V operating input voltage
140 mΩ internal synchronous rectifier
120 mΩ internal power active switch
100 kHz fixed PWM frequency
Duty cycle controlled by MPPT algorithm
Output voltage regulation, overcurrent and
overtemperature protection
Input source reverse polarity protection
Built-in soft-start
Up to 95% efficiency
3 mm x 4.4 mm TSSOP8 package
Applications
Smart phones and GPS systems
Wireless headsets
Small appliances, sensors
Portable media players
Digital still cameras
Toys and portable healthcare
Description
The SPV1040 device is a low power, low voltage,
monolithic step-up converter with an input voltage
range from 0.3 V to 5.5 V, and is capable of
maximizing the energy generated by even a
single solar cell (or fuel cell), where low input
voltage handling capability is extremely important.
Thanks to the embedded MPPT algorithm, even
under varying environmental conditions (such as
irradiation, dirt, temperature) the SPV1040 offers
maximum efficiency in terms of power harvested
from the cells and transferred to the output.
The device employs an input voltage regulation
loop, which fixes the charging battery voltage via
a resistor divider. The maximum output current is
set with a current sense resistor according to
charging current requirements.
The SPV1040 protects itself and other application
devices by stopping the PWM switching if either
the maximum current threshold (up to 1.8 A) is
reached or the maximum temperature limit (up to
155 °C) is exceeded.
An additional built-in feature of the SPV1040 is
the input source reverse polarity protection, which
prevents damage in case of reverse connection of
the solar panel at the input.
Table 1.
Device summary
Order codes
Package
Packaging
SPV1040T
TSSOP8
Tube
SPV1040TTR
Tape and reel
TSSOP8
www.st.com


Similar Part No. - SPV1040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
More results

Similar Description - SPV1040

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ISI-500 MEANWELL-ISI-500 Datasheet
402Kb / 2P
Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
ISI-500_1109 MEANWELL-ISI-500_1109 Datasheet
334Kb / 2P
Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
logo
STMicroelectronics
STEVAL-ISV006V2 STMICROELECTRONICS-STEVAL-ISV006V2 Datasheet
299Kb / 4P
Up to 5 W solar battery charger with embedded MPPT based on the SPV1040
11-Oct-2011
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
Integrated Device Techn...
ZSPM4523 IDT-ZSPM4523 Datasheet
341Kb / 24P
High-Efficiency Solar PV MPPT Regulator
logo
Mean Well Enterprises C...
ISI-501 MEANWELL-ISI-501 Datasheet
113Kb / 4P
500W True Sine Wave DC-AC Inverter with MPPT Solar Charger
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
High Efficiency MPPT Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4036 HMSEMI-HM4036 Datasheet
612Kb / 13P
Boost type battery charging integrated circuit with solar panel MPPT function
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
Silicon Mitus, Inc.
SM5441 SILICONMITUS-SM5441 Datasheet
187Kb / 2P
A Very High Efficiency 2S Battery Direct Charger embedded Active Cell Balancer
July 2021 Rev. 0.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com