Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPV1040
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPV1040 Datasheet HTML 6Page - STMicroelectronics SPV1040 Datasheet HTML 7Page - STMicroelectronics SPV1040 Datasheet HTML 8Page - STMicroelectronics SPV1040 Datasheet HTML 9Page - STMicroelectronics SPV1040 Datasheet HTML 10Page - STMicroelectronics SPV1040 Datasheet HTML 11Page - STMicroelectronics SPV1040 Datasheet HTML 12Page - STMicroelectronics SPV1040 Datasheet HTML 13Page - STMicroelectronics SPV1040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Detailed description
SPV1040
10/15
Doc ID 18080 Rev 3
6
Detailed description
The SPV1040 is a monolithic, high efficiency, low voltage, self-powered DC-DC converter
that operates over a 0.3 V to 5.5 V DC input voltage range and provides a single output
voltage.
The device provides regulated output voltage and current by sensing the VCTRL feedback
of the external resistor divider and the voltage drop on the external sense resistor Rs,
respectively.
High efficiency is ensured by low power consumption in any working mode and by the
embedded Perturb & Observe MPPT algorithm.
The SPV1040 guarantees its own safety and application safety by stopping the N-channel
power switch in case of overcurrent or overtemperature conditions.
6.1
Soft-start mode
In order to guarantee powerup even when VOUT is very low (battery completely discharged),
a proper startup strategy has been implemented.
Taking into account that the device is powered by the VOUT voltage, If VOUT is lower than
0.8 V, the device moves from power off to soft-start mode and the current flows from the
input to output through the intrinsic body diode of the synchronous rectifier. In this condition
VOUT follows the LX voltage. The IC exits Startup mode when VOUT reaches 0.8 V.
6.2
Startup mode
When VOUT goes above 0.8 V but it is still lower than 2 V, a proper biasing of both MOSFETs
is not yet guaranteed. In such conditions, the N-channel power switch is forced ON with a
fixed duty cycle and the energy is transferred to the load via the intrinsic body diode of the P-
channel synchronous switch. If the shutdown overcurrent limit is exceeded, the power switch
is immediately turned OFF. The SPV1040 leaves Startup mode as soon as VOUT goes
above 2 V.
6.3
MPPT mode
Once the device has exited Startup mode, the SPV1040 enters MPPT mode to search for
the maximum power point. The Perturb & Observe algorithm is based on monitoring either
the voltage or the current supplied by the DC power source unit so that the PWM signal duty
cycle is increased or decreased step by step according to the input power trend. Refer to
Figure 14, which illustrates the MPPT working principle.
6.4
Constant voltage regulation
The constant voltage control loop consists of an internal voltage reference, an op amp and
an external resistor divider that senses the battery voltage and fixes the voltage regulation
set-point at the value specified by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com