Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040T Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPV1040T
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPV1040T Datasheet HTML 3Page - STMicroelectronics SPV1040T Datasheet HTML 4Page - STMicroelectronics SPV1040T Datasheet HTML 5Page - STMicroelectronics SPV1040T Datasheet HTML 6Page - STMicroelectronics SPV1040T Datasheet HTML 7Page - STMicroelectronics SPV1040T Datasheet HTML 8Page - STMicroelectronics SPV1040T Datasheet HTML 9Page - STMicroelectronics SPV1040T Datasheet HTML 10Page - STMicroelectronics SPV1040T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SPV1040
Electrical characteristics
Doc ID 18080 Rev 3
7/15
Thermal shutdown
Tshutdown
Overtemperature
threshold for turn OFF
Temperature increasing
155
°C
Overtemperature
threshold for turn ON
Temperature decreasing
130
°C
1.
In order to increase the Vout as much as possible up to 5.2 V a Schottky diode must be placed between the
Lx and Vout pins, as shown in Figure 2.
2.
Given Tj = Ta + RthJA x PD, and assuming RthJA = 135°C/W, and that in order to avoid device destruction
Tjmax must be
≤ 125 °C, and that in the worst conditions T
A = 85 °C, the power dissipated inside the
device is given by:
Therefore, if in the worst case the efficiency is assumed to be 90%, then PIN-MAX = 3.3 W and POUT-MAX = 3 W.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
P
D
T
j
T
a
–
R
thJA
-----------------
≤
295mW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com