Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040T Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPV1040T
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040T Datasheet(HTML) 5 Page - STMicroelectronics

  SPV1040T Datasheet HTML 1Page - STMicroelectronics SPV1040T Datasheet HTML 2Page - STMicroelectronics SPV1040T Datasheet HTML 3Page - STMicroelectronics SPV1040T Datasheet HTML 4Page - STMicroelectronics SPV1040T Datasheet HTML 5Page - STMicroelectronics SPV1040T Datasheet HTML 6Page - STMicroelectronics SPV1040T Datasheet HTML 7Page - STMicroelectronics SPV1040T Datasheet HTML 8Page - STMicroelectronics SPV1040T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SPV1040
Maximum ratings
Doc ID 18080 Rev 3
5/15
3
Maximum ratings
3.1
Absolute maximum ratings
3.2
Thermal data
Note:
RthJA was measured on a 2-layer PCB: FR4, 35 µm Cu thickness, 2.8 cm
2
Table 3.
Absolute maximum ratings
Symbol
Parameter
Range
[min, max]
Unit
MPP-SET
Analog input
[-5.5, VOUT]
V
GND
Ground
0
V
XSHUT
Analog input
[-5.5, VOUT]
V
LX
Analog input
[-5.5, VOUT]
V
ICTRL_PLUS
Analog input
[-0.3, VOUT]
V
ICTRL_MINUS Analog input
[-0.3, VOUT]
V
VCTRL
Analog input
[-0.3, VOUT]
V
VOUT
Analog output
[-0.3, 5.5]
V
Table 4.
TSSOP8 thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance, junction-to-ambient
135
°C/W
Tjop
Junction operating temperature
-40 to 125
°C
Tstg
Storage temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com