Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1040T Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPV1040T
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040T Datasheet(HTML) 4 Page - STMicroelectronics

  SPV1040T Datasheet HTML 1Page - STMicroelectronics SPV1040T Datasheet HTML 2Page - STMicroelectronics SPV1040T Datasheet HTML 3Page - STMicroelectronics SPV1040T Datasheet HTML 4Page - STMicroelectronics SPV1040T Datasheet HTML 5Page - STMicroelectronics SPV1040T Datasheet HTML 6Page - STMicroelectronics SPV1040T Datasheet HTML 7Page - STMicroelectronics SPV1040T Datasheet HTML 8Page - STMicroelectronics SPV1040T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin description
SPV1040
4/15
Doc ID 18080 Rev 3
2
Pin description
Figure 3.
Pin connection (top view)
Table 2.
Pin description
Pin
Name
Type
Description
1
MPP-SET
I
Non-inverting input to sense the PV cell voltage. It cannot be left
floating.
2
GND
Ground Power ground reference.
8
XSHUT
I
Shutdown input pin:
XSHUT = LOW: device in Power Off mode
XSHUT = HIGH: device enabled for Operating mode
This pin cannot be left floating.
3
LX
I
Booster inductor connection.
7
ICTRL_PLUS
I
Non-inverting input of constant current control loop. It cannot be left
floating.
6
ICTRL_MINUS
I
Inverting input of constant current control loop.
It cannot be left floating.
5
VCTRL
I
Non-inverting input of constant voltage control loop.
It cannot be left floating.
4
VOUT
O
Booster output voltage.
VCTRL
GND
LX
VOUT
XSHUT
MPP-SET
8
7
ICTRL_PLUS
1
2
6
3
4
5
ICTRL_MINUS
AM02613v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com