Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA45HF60WDI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA45HF60WDI
Description  45 A, 600 V ultra fast IGBT with low drop diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA45HF60WDI Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA45HF60WDI Datasheet HTML 1Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 2Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 3Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 4Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 5Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 6Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 7Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 8Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2010
Doc ID 16091 Rev 2
1/16
16
STGW45HF60WDI
45 A, 600 V ultra fast IGBT with low drop diode
Features
■ Improved Eoff at elevated temperature
■ Low VF soft recovery antiparallel diode
Applications
■ Welding
■ Induction heating
■ Resonant converters
Description
The STGW45HF60WDI is based on a new
advanced planar technology concept to yield an
IGBT with more stable switching performance
(Eoff) versus temperature, as well as lower
conduction losses. The device is tailored to high
switching frequency operation (over 100 kHz).
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGW45HF60WDI
GW45HF60WDI
TO-247
Tube
STGWA45HF60WDI
45HF60WDI
TO-247 long leads
www.st.com


Similar Part No. - STGWA45HF60WDI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA40H120DF2 STMICROELECTRONICS-STGWA40H120DF2 Datasheet
821Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
28-Jun-2016
STGWA40H120F2 STMICROELECTRONICS-STGWA40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
High speed switching series
06-Jun-2016
STGWA40H65FB STMICROELECTRONICS-STGWA40H65FB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
21-Mar-2017
More results

Similar Description - STGWA45HF60WDI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
30 A - 600 V - ultra fast IGBT
17-Mar-2008
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
35 A, 600 V ultra fast IGBT
10-May-2010
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
45 A - 600 V ultra fast IGBT
05-Jun-2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
45 A - 600 V - very fast IGBT
19-Mar-2008
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
45 A, 600 V ultra fast IGBT
28-Apr-2010
STGW50HF60SD STMICROELECTRONICS-STGW50HF60SD Datasheet
765Kb / 13P
60 A, 600 V, very low drop IGBT with soft and fast recovery diode
21-Dec-2010
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
3 A, 600 V ultra fast IGBT
29-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com