Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA45HF60WDI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWA45HF60WDI
Description  45 A, 600 V ultra fast IGBT with low drop diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA45HF60WDI Datasheet(HTML) 4 Page - STMicroelectronics

  STGWA45HF60WDI Datasheet HTML 1Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 2Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 3Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 4Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 5Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 6Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 7Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 8Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STGW45HF60WDI
4/16
Doc ID 16091 Rev 2
2
Electrical characteristics
(TJ = 25 °C unless otherwise specified).
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 30 A
VGE = 15V, IC = 30 A,TJ= 125 °C
1.9
1.65
2.5
V
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TJ = 125 °C
500
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
± 100
nA
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
2900
260
55
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 400 V, IC = 30 A,
VGE = 15 V
Figure 18
-
160
17
65
-
nC
nC
nC
Table 6.
Switching off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 30 A,
RGE = 4.7 Ω, VGE = 15 V
Figure 17
-
30
145
50
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 30 A,
RGE = 4.7 Ω, VGE =15 V,
TJ = 125 °C
Figure 17
-
47
185
65
-
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com