Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA45HF60WDI Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWA45HF60WDI
Description  45 A, 600 V ultra fast IGBT with low drop diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA45HF60WDI Datasheet(HTML) 5 Page - STMicroelectronics

  STGWA45HF60WDI Datasheet HTML 1Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 2Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 3Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 4Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 5Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 6Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 7Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 8Page - STMicroelectronics STGWA45HF60WDI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STGW45HF60WDI
Electrical characteristics
Doc ID 16091 Rev 2
5/16
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eoff
Turn-off switching losses
VCC = 400 V, IC = 30 A
RG =4.7 Ω, VGE = 15 V,
Figure 19
-
330
µJ
Eoff
Turn-off switching losses
VCC = 400 V, IC = 30 A
RG = 4.7 Ω, VGE = 15 V,
TJ = 125 °C, Figure 19
-
550
800
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 30 A
IF = 30 A, TJ = 125 °C
-
1.4
1.2
1.8
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 30 A,VR = 50 V,
di/dt = 100 A/
µs
Figure 20
-
90
305
5.2
-
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 30 A,VR = 50 V,
TJ =125 °C, di/dt = 100 A/µs
Figure 20
-
235
1100
9
-
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com