Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4051 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4051
Description  Switching Power Transistor(3A NPN)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4051 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4051 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4051 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : TO-220
FX Series
Switching Power Transistor
3A NPN
2SC4051
(T3V45FX)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Junction Temperature
Tj
150
℃
Collector to Base Voltage
V
CBO
600
V
Collector to Emitter Voltage
V
CEO
450
V
V
CEX
V
EB = 5V
600
Emitter to Base Voltage
V
EBO
7
V
Collector Current DC
I
C
3
A
Collector Current Peak
I
CP
6
Base Current DC
I
B
1
A
Base Current Peak
I
BP
2
Total Transistor Dissipation
PT
Tc = 25℃
40
W
Mounting Torque
TOR
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
I
C = 0.1A
Min 450
V
Collector Cutoff Current
I
CBO
At rated Voltage
Max 0.1
mA
I
CEO
Max 0.1
Emitter Cutoff Current
I
EBO
At rated Voltage
Max 0.1
mA
DC Current Gain
h
FE
VCE = 5V, IC = 1.5A
Min 10
h
FEL
VCE = 5V, IC = 1mA
Min 5
Collector to Emitter Saturation Voltage
V
CE(sat)
IC = 1.5A
Max 1.0
V
Base to Emitter Saturation Voltage
VBE(sat)
I
B = 0.3A
Max 1.5
V
Thermal Resistance
θjc
Junction to case
Max 3.12
℃/W
Transition Frequency
fT
VCE = 10V, IC = 0.3A
STD 20
MHz
Turn on Time
ton
I
C = 1.5A
Max 0.5
Storage Time
ts
I
B1 = 0.3A, IB2 = 0.6A
Max 2.0
μs
Fall Time
tf
R
L = 100Ω, VBB2 = 4V
Max 0.2


Similar Part No. - 2SC4051

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4051 SAVANTIC-2SC4051 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
2SC4051 SAVANTIC-2SC4051 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4051

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1876 SHINDENGEN-2SA1876 Datasheet
386Kb / 8P
Switching Power Transistor(-3A PNP)
2SC4052 SHINDENGEN-2SC4052 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4233 SHINDENGEN-2SC4233 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4234 SHINDENGEN-2SC4234 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4235 SHINDENGEN-2SC4235 Datasheet
515Kb / 12P
Switching Power Transistor(3A NPN)
2SC4583 SHINDENGEN-2SC4583 Datasheet
438Kb / 10P
Switching Power Transistor(3A NPN)
2SC4978 SHINDENGEN-2SC4978 Datasheet
444Kb / 8P
Switching Power Transistor(3A NPN)
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
3A NPN Epitaxial Planar Power Transistor
TIP31CJ3 CYSTEKEC-TIP31CJ3 Datasheet
317Kb / 6P
3A NPN Epitaxial Planar Power Transistor
logo
Rohm
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com