Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9131 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9131
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9131 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9131 Datasheet HTML 1Page - Integrated Device Technology ICS9131 Datasheet HTML 2Page - Integrated Device Technology ICS9131 Datasheet HTML 3Page - Integrated Device Technology ICS9131 Datasheet HTML 4Page - Integrated Device Technology ICS9131 Datasheet HTML 5Page - Integrated Device Technology ICS9131 Datasheet HTML 6Page - Integrated Device Technology ICS9131 Datasheet HTML 7Page - Integrated Device Technology ICS9131 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9131
Pin Descriptions
Functionality
FS2
FS1
FS0
CPUCLK
ACTUALS
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
16
25
33.3
40
50
60
66.6
80
16.004
25.059
33.412
40.095
50.119
60.142
66.484
80.190
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
32 kHz
Output
32.768 kHz output.
2
X2
Output
Connect 32 kHz crystal, this input includes internal load
capacitor for crystal.
3
X1
Input
Connect 32 kHz crystal, this input includes internal load
capacitor for crystal.
4
VDD32
--
Power Supply for 32 kHz oscillator.
5
VCC
--
Power Supply.
6
VSS
--
Ground.
7
AGND
--
Analog Ground.
8
OE
Input
OE tristates outputs when low.
9
FS2
Input
CPU clock frequency select 2.
10
REFCLK
Output
14.318 MHz output.
11
STOPCLK#
Input
Stops CPU clock when low.
12
VSS
--
Ground.
13
VCC
--
Power supply.
14
CPUCLK
Output
CPU clock output (see Decoding table).
15
FS1
Input
CPU clock frequency select 1.
16
FS0
Input
CPU clock frequency select 0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com