Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9131 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9131
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9131 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9131 Datasheet HTML 1Page - Integrated Device Technology ICS9131 Datasheet HTML 2Page - Integrated Device Technology ICS9131 Datasheet HTML 3Page - Integrated Device Technology ICS9131 Datasheet HTML 4Page - Integrated Device Technology ICS9131 Datasheet HTML 5Page - Integrated Device Technology ICS9131 Datasheet HTML 6Page - Integrated Device Technology ICS9131 Datasheet HTML 7Page - Integrated Device Technology ICS9131 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9131
Electrical Characteristics at 5V
Operating VDD = +4.5V to +5.5V; TA =0°C to 70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Note 2: With the STOPCLK pin low (active).
Note 3: Absolute Jitter measured as the shortest and longest period difference to the mean period of the sample set.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency, Note 1
f
o
Clock1
12.0
-
100
MHz
Input Frequency, Note 1
f
i
2.0
32
38
kHz
Output Rise time, Note 1
t
r
15pF load, 0.8 to 2.0V
-
0.60
1.4
ns
Rise time, Note 1
t
r
15pF load, 20% to 80% V
DD
-
1.6
3.0
ns
Output Fall time, Note 1
t
f
15pF load, 2.0 to 0.8V
-
0.50
1.2
ns
Fall time, Note 1
t
f
15pF load, 80% to 20% V
DD
-
0.9
2.5
ns
Duty cycle, Note 1
d
t
15pF load @1.4V
45
50
55
%
Jitter, 1 sigma from 33-80 MHz,
Note 1
T
jis
10,000 samples
-
50
150
ps
Jitter, Absolute from 33-80 MHz,
Notes 1, 3
T
jabs
10,000 samples
-250
-
250
ps
Jitter, 1 sigma from 16-25 MHz,
Note 1
T
jis
10,000 samples
60
150
ps
Jitter, Absolute from 16-25 MHz,
Note 1, 3
T
jabs
10,000 samples
-600
-
600
ps
Jitter, 1 sigma from 14 to below,
Note 1
T
jis
10,000 samples
-
1
3
%
Jitter, Absolute from 14 to below,
Note 1, 3
T
jabs
10,000 samples
-
2
5
%
Frequency Transition time, Note 1
t
ft
2.0
5.0
10.0
ms
Power-up time, Note 1
t
pu
3.0
7.5
15
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com