Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9131 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9131
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9131 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9131 Datasheet HTML 1Page - Integrated Device Technology ICS9131 Datasheet HTML 2Page - Integrated Device Technology ICS9131 Datasheet HTML 3Page - Integrated Device Technology ICS9131 Datasheet HTML 4Page - Integrated Device Technology ICS9131 Datasheet HTML 5Page - Integrated Device Technology ICS9131 Datasheet HTML 6Page - Integrated Device Technology ICS9131 Datasheet HTML 7Page - Integrated Device Technology ICS9131 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9131
Block Diagram
32 KhZ Motherboard Frequency Generator
9131 Rev B 052897P
The ICS9131 offers a tiny footprint solution for generating
a selectable CPU clock from a 32.768 kHz crystal. The device
allows a variety of microprocessors to be clocked by changing
the state of address lines FS0, FS1, and FS2. The ICS9131 is
the ideal solution for replacing high speed oscillators and for
reducing clock speeds to save power in computers. The
device provides smooth, glitch-free frequency transitions so
that the CPU can continue to operate during slow down or
speed up. The rate of frequency change makes the ICS9131
compatible with all 386DX, 386SX, 486DX, 486DXZ, 486SX
and Pentium™ microprocessors.
The ICS9131 is driven from a single 32.768 kHz crystal. The
only external components required are the crystal and a 10M
ohm resistor. The device generates the 14.318 MHz system
clock, eliminating the need for a 14.318 MHz crystal. High-
Performance applications may require high speed clock
termination components.
•
Single 32.768 kHz crystal generates system clock and
selectable CPU clock
•
Generates CPU clocks from 8 MHz to 100 MHz.
•
Operates from 3.3V or 5.0V supply
•
Operates up to 66 MHz at 3.3V
•
Separate VDD for 32 kHz clock enables it to run from
battery
•
STOPCLK feature allows for a glitch-free turn-on and
Pen-turn-off of the CPU clock to static processors
•
Output enable tristates outputs
•
16-pin PDIP or SOIC package
•
Frequency selects allow for a smooth transition of
the CPUCLK
VDD32 Supply
The ICS9131 has a separate power supply for the 32.768 kHz
oscillator circuitry. This allows the 32 kHz clock to run from
a battery or other source while the main power to the chip is
disconnected. The VDD32 supply is guaranteed to operate
down to +2.0V, with the clock consuming less than 10µA at
+3.3V and the main VDD at 0V.
The frequencies and power-down options in the ICS9131 are
mask programmable. Customer specific masks can be made
and prototypes delivered within 6-8 weeks from receipt of
order. ICS also offers standard versions, such as those de-
scribed in this data sheet.
Pentium is a trademark of Intel.
Pin Configuration
16-Pin DIP or SOIC


Similar Part No. - ICS9131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9131-01CN16 ICST-ICS9131-01CN16 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9131-01CS16 ICST-ICS9131-01CS16 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
More results

Similar Description - ICS9131

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9133X ICST-ICS9133X Datasheet
144Kb / 8P
32 kHz Motherboard Frequency Generator
Rev A 052897
ICS9134-06 ICST-ICS9134-06 Datasheet
204Kb / 6P
32 kHz Motherboard Frequency Generator
RevC111695
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com