Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K14AUTOG2 Datasheet(PDF) 13 Page - EPCOS

Part # CU4032K14AUTOG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K14AUTOG2 Datasheet(HTML) 13 Page - EPCOS

Back Button CU4032K14AUTOG2 Datasheet HTML 9Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 10Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 11Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 12Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 13Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 14Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 15Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 16Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
1.4
Packing units for discrete chip and array chip
Case size
Chip thickness
Cardboard tape Blister tape
∅ 180-mm reel ∅ 330-mm reel
inch/mm
th
W
W
pcs.
pcs.
0201/0603
0.33 mm
8 mm
15000
0402/1005
0.6 mm
8 mm
10000
0405/1012
0.7 mm
8 mm
5000
0506/1216
0.5 mm
8 mm
4000
0508/1220
0.9 mm
8 mm
8 mm
4000
0603/1608
0.9 mm
8 mm
8 mm
4000
16000
0612/1632
0.9 mm
8 mm
3000
0805/2012
0.7 mm
8 mm
3000
0.9 mm
8 mm
3000
12000
1.3 mm
8 mm
3000
1003/2508
0.9 mm
8 mm
4000
1012/2532
1.0 mm
8 mm
2000
1206/3216
0.9 mm
8 mm
3000
1.3 mm
8 mm
3000
1.4 mm
8 mm
2000
1.6 mm
8 mm
2000
1210/3225
0.9 mm
8 mm
3000
1.3 mm
8 mm
3000
1.4 mm
8 mm
2000
1.6 mm
8 mm
2000
1812/4532
1.3 mm
12 mm
1500
1.4 mm
12 mm
1000
1.6 mm
12 mm
4000
2.3 mm
12 mm
3000
2220/5750
1.3 mm
12 mm
1500
1.4 mm
12 mm
1000
2.0 mm
12 mm
3000
2.3 mm
12 mm
3000
3225
3.2 mm
16 mm
1000
4.5 mm
16 mm
1000
4032
3.2 mm
16 mm
1000
4.5 mm
16 mm
1000
SMD disk varistors (CU varistors)
Automotive series
Page 13 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com