Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K14AUTOG2 Datasheet(PDF) 4 Page - EPCOS

Part # CU4032K14AUTOG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K14AUTOG2 Datasheet(HTML) 4 Page - EPCOS

  CU4032K14AUTOG2 Datasheet HTML 1Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 2Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 3Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 4Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 5Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 6Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 7Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 8Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Temperature derating
Climatic category:
40/+85
°C
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
WLD
(10
pulses)
J
Pdiss,max
mW
CU3225K14AUTOG2
B72650M1140K072 14
16
100
400
6
10
CU4032K14AUTOG2
B72660M1140K072 14
16
250
900
12
20
CU3225K17AUTOG2
B72650M1170K072 17
20
100
500
6
10
CU4032K17AUTOG2
B72660M1170K072 17
20
250
1100
12
20
CU3225K30AUTOG2
B72650M1300K072 30
34
100
900
6
10
CU4032K30AUTOG2
B72660M1300K072 30
34
250
2000
12
20
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CU3225K14AUTOG2
22
±10
25
43
1
1400
CU4032K14AUTOG2
22
±10
25
43
2.5
2300
CU3225K17AUTOG2
27
±10
30
53
1
1200
CU4032K17AUTOG2
27
±10
30
53
2.5
1900
CU3225K30AUTOG2
47
±10
50
93
1
600
CU4032K30AUTOG2
47
±10
50
93
2.5
1100
SMD disk varistors (CU varistors)
Automotive series
Page 4 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com